PART |
Description |
Maker |
SW69N65K2 |
N-channel Enhanced mode TO-247 MOSFET
|
Xian Semipower Electron...
|
80N20L IXTH80N20L |
80 A, 200 V, 0.032 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 N-Channel Enhancement Mode
|
IXYS CORP IXYS Corporation
|
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IXTH500N04T2 IXTT500N04T2 |
500 A, 40 V, 0.0016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
|
IXYS CORP IXYS Corporation
|
APT20M38BVR APT20M38BVRG |
Power MOSFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 67A 0.038 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
SW030R04VT |
N-channel Enhanced mode TO-220 MOSFET
|
Xian Semipower Electron...
|
STW16NA40 STW16NA40FI STH16NA40 STH16NA40FI W16NA4 |
N-Channel 400V-0.21Ω-16A - TO-247/ISOWATT218 Power MOS Transistors(N沟道功率MOS晶体 N沟道400V -0.21Ω- 16A TO-247/ISOWATT218功率MOS晶体管(不适用马鞍山沟道功率晶体管 N - CHANNEL 400V - 0.21W - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS From old datasheet system N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STW9NC80Z 7287 |
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH⑩III MOSFET From old datasheet system N-CHANNEL 800 V - 0.82 OHM - 9.4 A TO-247 ZENER-PROTECTED POWERMESH III MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STW30N20 STW30NF20 STP30NF20 STB30NF20 |
N-channel 200 V, 0.065 Ohm, 30 A, TO-247 STripFET(TM) Power MOSFET N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STP16NK60Z STW16NK60Z STP16NK65Z-S STB16NK60Z-S ST |
N-CHANNEL 600V - 0.38蟹 - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESHMOSFET N沟道600V 0.38з - 14A条,220 / I2SPAK /47齐纳⑩MOSFET的保护SuperMESH N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESHMOSFET N沟道600V 0.38з - 14A条,220 / I2SPAK /47齐纳⑩MOSFET的保SuperMESH N-CHANNEL MOSFET N-CHANNEL 600V - 0.38 Ohm - 14A TO-220/I2SPAK / TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V - 0.38 - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V - 0.38?/a> - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH?/a> MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|